Part Number Hot Search : 
STTH806 75SC10 AT28C S29GL128 LS259 THV705 1540CT MMSZ30T1
Product Description
Full Text Search
 

To Download SMBJ50-SMBJ170CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ SERIES
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS FEATURES
Rating to 200V VBR For surface mounted applications Reliable low cost construction utilizing molded plastic
.
REVERSE VOLTAGE - 5.0 to 170 Volts POWER DISSIPATION - 600 Watts
SMB
technique
Plastic material has UL recognition 94V-0 Typical IR less than 1A above 10V Fast response time:typically less than 1.0ns for
.083(2.11) .075(1.91)
.155(3.94) .130(3.30)
Uni-direction,less than 5.0ns fo Bi-direction,from 0 Volts to BV min
.185(4.70) .160(4.06) .012(.305) .006(.152) .096(2.44) .084(2.13) .060(1.52) .030(0.76) .008(.203) .002(.051)
MECHANICAL DATA
Case : Molded Plastic Polarity:by cathode band denotes uni-directional device
none cathode band denotes bi-directional device
Weight : 0.003 ounces, 0.093 grams
.220(5.59) .200(5.08)
Dimensions in inches and(millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Peak Power Dissipation at TA=25 TP=1ms (NOTE1,2) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Steady State Power Dissipation at TL=75 Maximum Instantaneous Forward Voltage at 50A for Unidirectional Devices Only (NOTE3) Operating Temperature Range Storage Temperature Range
SYMBOL PPK
VALUE Minimum 600
UNIT WATTS
IFSM PM(AV) VF TJ TSTG
100 5.0 SEE NOTE4 -55 to + 150 -55 to + 175
AMPS WATTS VOLTS
NOTES:1. Non-repetitive current pulse ,per Fig. 3 and derated above TA=25 per Fig. 1. 2. Thermal Resistance junction to Lead. 3. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only). 4. VF=3.5V on SMBJ5.0 thru SMBJ90A devices and VF=5.0V on SMBJ100 thru SMBJ170A devices.
~ 284 ~
RATING AND CHARACTERTIC CURVES SMBJ SERIES
FIG.1-PULSE DERATING CURVE 100 75 50
10*1000 WAVEFORM AS DEFINED BY R.E.A
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 120 100 80 60 40 20 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
SINGLE SINE-WAVE JEDEC METHOD
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
25 0 0 25 50 75 100 125 150 175 200
TA AMBIENT TEMPERATURE,
FIG.3-PULSE WAVEFORM FIG.4-TYPICAL JUNCTION CAPACITANCE IP PEAK PULSE CURRENT %
TR=10us
Half value =
IRSM 2
Pulse with (Tp) is defined as that point where the peak current decays to 50% of IRSM
CAPACITANCE PF
100
Peak value(IRSM)
10000
Uni-directional
1000
TJ=25 Bi-directional
50
TJ=25C 10*1000waveform as defined by R.E.A
100
TP
10 1 4 10 100 1000
0 0 1.0 2.0 T, TIME (ms) 3.0 4.0
STAND-OFF VOLTAGE,VOLTS
100
PM(AV), STEADY STATE POWER DISSIPATION (W)
FIG.5-PULSE RATING CURVE
FIG.6-STEADY STATE POWER DERATING CURVE 5.0 4.0 3.0 2.0 1.0 0.0 0 25 50 75 100 125 150 175 200
60Hz RESISTIVE OR INDUCTIVE LOAD
PP, PEAK POWER (Kw)
10
1.0
TA=25 NON-REPETIVE PULSE WAVE FORM SHOWN IN FIG.3
0.1 0.1us
1.0us
10us
100us
1.0ms
10ms
TP, PULSE WIDTH
TL, LEAD TEMPERATURE
~ 285 ~
SMBJ SERIES
Device Unidirectional Device Bidirectional Device Marking code Working Peak Reverse Voltage Breakdown Voltage VBR Volts Min(V) 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 Max(V) 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.80 9.58 11.30 10.20 11.90 10.80 12.80 11.50 14.10 12.80 15.40 14.40 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 23.30 28.10 25.50 30.90 28.00 33.80 30.70 36.80 32.20 39.40 35.80 42.40 38.30 46.90 42.20 @ IT(mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Voltage at IRSM (Clamping Voltage) VRSM (volts) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 Maximum Reverse Surge Current IRSM (Amps) 62.5 65.2 52.3 58.3 48.7 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.8 22.3 24.0 20.8 23.1 19.7 21.7 18.6 20.5 16.7 18.5 15.2 16.9 14.0 15.4 12.4 14.2 12.0 13.2 11.2 12.4 10.2 11.3 Maximum Reverse Leakage at VRWM IR (A) 800 800 800 800 500 500 200 200 100 100 50 50 20 20 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
(UNI) SMBJ5.0 SMBJ5.0A SMBJ6.0 SMBJ6.0A SMBJ6.5 SMBJ6.5A SMBJ7.0 SMBJ7.0A SMBJ7.5 SMBJ7.5A SMBJ8.0 SMBJ8.0A SMBJ8.5 SMBJ8.5A SMBJ9.0 SMBJ9.0A SMBJ10 SMBJ10A SMBJ11 SMBJ11A SMBJ12 SMBJ12A SMBJ13 SMBJ13A SMBJ14 SMBJ14A SMBJ15 SMBJ15A SMBJ16 SMBJ16A SMBJ17 SMBJ17A SMBJ18 SMBJ18A SMBJ20 SMBJ20A SMBJ22 SMBJ22A SMBJ24 SMBJ24A SMBJ26 SMBJ26A SMBJ28 SMBJ28A SMBJ30 SMBJ30A SMBJ33 SMBJ33A SMBJ5.0C SMBJ5.0CA SMBJ6.0C SMBJ6.0CA SMBJ6.5C SMBJ6.5CA SMBJ7.0C SMBJ7.0CA SMBJ7.5C SMBJ7.5CA SMBJ8.0C SMBJ8.0CA SMBJ8.5C SMBJ8.5CA SMBJ9.0C SMBJ9.0CA SMBJ10C SMBJ10CA SMBJ11C SMBJ11CA SMBJ12C SMBJ12CA SMBJ13C SMBJ13CA SMBJ14C SMBJ14CA SMBJ15C SMBJ15CA SMBJ16C SMBJ16CA SMBJ17C SMBJ17CA SMBJ18C SMBJ18CA SMBJ20C SMBJ20CA SMBJ22C SMBJ22CA SMBJ24C SMBJ24CA SMBJ26C SMBJ26CA SMBJ28C SMBJ28CA SMBJ30C SMBJ30CA SMBJ33C SMBJ33CA KD KE KF KG KH KK KL KM KN KP KQ KR KS KT KU KV KW KX KY KZ LD LE LF LG LH LK LL LM LN LP LQ LR LS LT LU LV LW LX LY LZ MD ME MF MG MH MK ML MM
(BI) AD AE AF AG AH AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BD BE BF BG BH BK BL BM BN BP BP BR BS BT BU BV BW BX BY BZ CD CE CF CG CH CK CL CM
VRWM (volts) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0
~ 286 ~
SMBJ SERIES
Device Unidirectional Device Bidirectional Device Marking code Working Peak Reverse Voltage Breakdown Voltage VBR Volts Min(V) Max(V) @ IT(mA) Maximum Reverse Voltage at IRSM (Clamping Voltage) VRSM (volts) Maximum Reverse Surge Current IRSM (Amps) Maximum Reverse Leakage at VRWM IR (A)
(UNI) SMBJ36 SMBJ36A SMBJ40 SMBJ40A SMBJ43 SMBJ43A SMBJ45 SMBJ45A SMBJ48 SMBJ48A SMBJ51 SMBJ51A SMBJ54 SMBJ54A SMBJ58 SMBJ58A SMBJ60 SMBJ60A SMBJ64 SMBJ64A SMBJ70 SMBJ70A SMBJ75 SMBJ75A SMBJ78 SMBJ78A SMBJ85 SMBJ85A SMBJ90 SMBJ90A SMBJ100 SMBJ100A SMBJ110 SMBJ110A SMBJ120 SMBJ120A SMBJ130 SMBJ130A SMBJ150 SMBJ150A SMBJ160 SMBJ160A SMBJ170 SMBJ170A SMBJ36C SMBJ36CA SMBJ40C SMBJ40CA SMBJ43C SMBJ43CA SMBJ45C SMBJ45CA SMBJ48C SMBJ48CA SMBJ51C SMBJ51CA SMBJ54C SMBJ54CA SMBJ58C SMBJ58CA SMBJ60C SMBJ60CA SMBJ64C SMBJ64CA SMBJ70C SMBJ70CA SMBJ75C SMBJ75CA SMBJ78C SMBJ78CA SMBJ85C SMBJ85CA SMBJ90C SMBJ90CA SMBJ100C SMBJ100CA SMBJ110C SMBJ110CA SMBJ120C SMBJ120CA SMBJ130C SMBJ130CA SMBJ150C SMBJ150CA SMBJ160C SMBJ160CA SMBJ170C SMBJ170CA
(BI)
VRWM (volts)
MN MP MQ MR MS MT MU MV MW MX MY MZ ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR
CN CP CQ CR CS CT CU CV CW CX CY CZ DD DE DF DG DH DK DL DM DN DP DQ DR DS DT DU DV DW DX DY DZ ED EE EF EG EH EK EL EM EN EP EQ ER
36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100.0 100.0 110.0 110.0 120.0 120.0 130.0 130.0 150.0 150.0 160.0 160.0 170.0 170.0
40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100.0 100.0 111.0 111.0 122.0 122.0 133.0 133.0 144.0 144.0 167.0 167.0 178.0 178.0 189.0 189.0
50.7 46.0 56.3 51.1 60.5 54.9 63.3 57.5 67.5 61.3 71.8 65.2 76.0 69.0 81.6 74.6 84.5 76.7 90.1 81.8 98.6 89.5 106.0 95.8 110.0 99.7 119.2 108.2 126.5 115.5 141.0 128.0 154.0 140.0 169.0 153.0 182.0 165.0 211.5 192.0 226.0 205.0 239.5 217.5
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0
9.3 10.3 8.4 9.3 7.8 8.6 7.5 8.3 7.0 7.7 6.6 7.3 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 4.9 4.3 4.7 3.9 4.4 3.8 4.1 3.4 3.7 3.0 3.4 2.8 3.1 2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
NOTE: For bidirectional use C or CA suffix for types SMBJ5.0 thru types SMBJ170(ex. SMBJ5.0C, SMBJ170CA). Electrical characteristics apply in both directions. The later codes(/AD thru /ER) denote by bidirectional material.
~ 287 ~


▲Up To Search▲   

 
Price & Availability of SMBJ50-SMBJ170CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X